Part Number Hot Search : 
MK105 LTC6990 MF45R2 4004B PM5363 9619A IRF840SP A1309
Product Description
Full Text Search
 

To Download 2SC3058 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC3058
DESCRIPTION *With TO-3 package *High voltage ,high speed APPLICATIONS *For switching regulator and DC/DC converter applications
PINNING (See Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 600 400 7 30 200 200 -65~200 UNIT V V V A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-mb PARAMETER Thermal resistance from junction to mounting base VALUE 1.0 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=10mA ; IB=0 IC=1mA; IE=0 IE=1mA; IC=0 IC=20A; IB=4A IC=20A; IB=4A VCB=500V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=20A ; VCE=5V IC=4A ; VCE=10V IE=0 ; VCB=10V;f=1MHz 15 10 MIN 400 600 7
2SC3058
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT COB
TYP.
MAX
UNIT V V V
1.0 1.5 10 10 50 40 30 420
V V A A
MHz pF
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC3058
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC3058

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X